PART |
Description |
Maker |
M38023E7 M38022E3 M38021E2 M38025M2 M38025M1 M3802 |
RAM size: 256bytes; single-chip 8-bit CMOS microcomputer RAM size: 192bytes; single-chip 8-bit CMOS microcomputer 1-Ch. 10-Bit 1.25 MSPS ADC 8-Ch., DSP/SPI, Hardware Configurable, Low Power 24-SOIC -40 to 85 TRANS PREBIASED NPN 200MW SOT-23 Screwless Socket Brdg.(50 pk) 8-BIT SINGLE-CHIP MICROCOMPUTER R1 单芯位CMOS微机 Single Output LDO, 500mA, Fixed(2.5V), Tight Output Accuracy of 2%, Thermal Overload Protection 20-TSSOP 0 to 125 单芯位CMOS微机 SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER 单芯位CMOS微机 Single Chip 8-Bit CMOS Microcomputer Single Chip 8-bit Microcomputer RAM size: 384bytes; single-chip 8-bit CMOS microcomputer RAM size: 512bytes; single-chip 8-bit CMOS microcomputer RAM size: 640bytes; single-chip 8-bit CMOS microcomputer RAM size: 1024bytes; single-chip 8-bit CMOS microcomputer RAM size: 768bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Sem... http:// Mitsubishi Electric Corporation Mitsubishi Electric, Corp.
|
EF6805U3 |
8-BIT MICROCOMPUTER UNIT
|
ST Microelectronics
|
MC68705P3 MC68705P3CS MC68705P3S |
8-Bit EPROM Microcomputer Unit 8-BIT, UVPROM, 2.1 MHz, MICROCONTROLLER, CDIP28
|
Motorola Mobility Holdings, Inc. MOTOROLA[Motorola, Inc]
|
HD637A01X0 HD637A01X0C HD637B01X0 HD637B01X0C HD63 |
CMOS 8-BIT SINGLE-CHIP MICROCOMPUTER UNIT Limiting Supplies. For Development Only
|
Hitachi Semiconductor HITACHI-METALS[Hitachi Metals, Ltd]
|
M38869FFAGP M38869FFAHP M38869M8A-012HP M38869M8A- |
RAM size: 1024bytes; single-chip 8-bit CMOS microcomputer RAM size: 2048bytes; single-chip 8-bit CMOS microcomputer RAM size: 896bytes; single-chip 8-bit CMOS microcomputer RAM size: 640bytes; single-chip 8-bit CMOS microcomputer RAM size: 384bytes; single-chip 8-bit CMOS microcomputer RAM size: 2048bytes single chip 8-bit CMOS microcomputer RAM size: 1024bytes single chip 8-bit CMOS microcomputer RAM size: 768bytes single chip 8-bit CMOS microcomputer RAM size: 512bytes single chip 8-bit CMOS microcomputer RAM size: 256bytes single chip 8-bit CMOS microcomputer Single Chip 8-bit Microcomputer 3885 Series Microcontrollers: Keyboard Controller for Notebook PC 3886GROUP RAM size: 192bytes single chip 8-bit CMOS microcomputer RAM size: 384bytes single chip 8-bit CMOS microcomputer RAM size: 640bytes single chip 8-bit CMOS microcomputer RAM size: 896bytes single chip 8-bit CMOS microcomputer RAM size: 1536bytes single chip 8-bit CMOS microcomputer RAM size: 1536bytes; single-chip 8-bit CMOS microcomputer RAM size: 512bytes; single-chip 8-bit CMOS microcomputer RAM size: 192bytes; single-chip 8-bit CMOS microcomputer RAM size: 256bytes; single-chip 8-bit CMOS microcomputer RAM size: 768bytes; single-chip 8-bit CMOS microcomputer
|
Mitsubishi Electric Corporation MITSUBISHI[Mitsubishi Electric Semiconductor]
|
MC912DG128ACPV MC912DG128AMPV MC912DG128AVPV |
The MC68HC912DT128A microcontroller unit (MCU) is a 16-bit device composed of standard on-chip peripherals including a 16-bit central processing unit
|
Motorola, Inc
|
HD68P01V07-1 HD68P01 HD68P01M0 HD68P01M0-1 HD68P01 |
MCU(MICROCOMPUTER UNIT)
|
HITACHI[Hitachi Semiconductor]
|
HD6305Y1P HD6305Y1F HD6305Y2F HD6305Y2P |
0.3-7 V, CMOS microcomputer unit
|
Hitachi Semiconductor
|
HD637A01X0C |
0.3-7 V, 1.5 MHz, CMOS microcomputer unit
|
Hitachi Semiconductor
|
HD63B01Y0CP HD63B01Y0F HD63B01Y0H HD63B01Y0P HD63C |
CMOS MCU(MICROCOMPUTER UNIT)
|
Hitachi Semiconductor
|
HD6801V5P |
0.3-7 V, 1.25 MHz, CMOS microcomputer unit
|
Hitachi Semiconductor
|
G65SC150 |
CMOS COMMUNICATIONS TERMINAL UNIT (TELECOMMUNICATION MICROCOMPUTER)
|
California Micro Devices Co...
|